Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
 

To Download ZM50E10A03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  micro switch? zm series subminiature switch product nomenclature 004976-3-en il50 glo january 2015 copyright ? 2015 honeywell international inc. all rights reserved. for example, a zm50e10e01 part number would de?ne a micro switch? zm series subminiature switch with a simulated roller lever, rated at 5 a, spdt, 146 g max. operating force, and straight solder terminals zm switch type current rating 50 circuitry 01 spdt 03 spno 04 spnc notes: 1 switches with 10.1 a rating are only available with ?g? operating force. 2 terminal type ?99? or actuator type ?s? designates a special and therefore requires a special designator character(s) at the end of the listing. operating force (at pin plunger) e zm series subminiature basic switch 10 pcb, left angle pcb, right angle pcb, straight solder, straight terminal type b 20 pin plunger c 50 60 d 70 quick connect 0.110 in actuator type (integral levers) ? 10 a e 01 99 special 2 a special designator character(s) is used when there is a special modi?cation to the switch. a special designator is required when terminal type is ?99? or actuator type is ?s?. special designator 2 10 short straight lever, 16,7 mm [0.66 in] length k j f h e m l s special lever 2 0.1 a 125 vac (gold-plated contacts) 5 a; 125 vac/ 250 vac 90 50 10.1 a; 125 vac/ 250 vac 1 not all combinations of model code are available. please contact your honeywell representative or distributor for assistance. standard straight lever, 18,7 mm [0.74 in] length long straight lever, 24,8 mm [0.98 in] length stnd sim. roller lever, 18,0 mm [0.71 in] length r 2,75 mm roller lever, 16,6 mm [0.65 in] length ?4,8 mm roller small sim. roller lever, 17,9 mm [0.70 in] length r 1,3 mm extended straight lever, 55,2 mm [2.17 in] length straight lever, 35,2 mm [1.39 in] length l-shaped lever, 31,5 mm [1.24 in] length large sim. roller lever, 21,1 mm [0.83 in] length r 2,45 mm b d e g 60 g max. 104 g max. 146 g max. 249 g max. d e g 104 g max. 146 g max. 249 g max. g 249 g max.


▲Up To Search▲   

 
Price & Availability of ZM50E10A03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X